PART |
Description |
Maker |
74LCX16501 74LCX16501MTD 74LCX16501MEA 74LCX16501M |
18-Bit Bus Transceiver Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs 18-Bit Universal Bus Transceivers with 5VTolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX162601 74VCX162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the B-Port Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列电阻在B端口输出 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the B-Port Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT5V991A-2JG IDT5V991A-2JI IDT5V991A-5J IDT5V991A |
3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK 5V SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQCC32 Scan Test Devices With 18-Bit Inverting Bus Transceivers 56-SSOP -40 to 85 Scan Test Devices With 20-Bit Universal Bus Transceivers 64-LQFP -40 to 85 From old datasheet system
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
HD74LV2G245AUSE HD74LV2G245A |
Dual Bus Transceivers with 3state Outputs Dual Bus Transceivers with 3-state Outputs Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A
|
Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
HD74LVC16245ATEL HD74LVC16245A |
16-bit Bus Transceivers with 3-state Outputs
|
Renesas Electronics Corporation
|
HD74ALVCH162500 |
18-bit Universal Bus Transceivers with 3-state Outputs(三态输出的18位通用总线收发
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
PI74FCT2543T PI74FCT2543TS |
Single 8-bit Bus Transceiver Fast CMOS Latch Transceivers
|
总线收发 Pericom Semiconductor
|
M27V201 M27V201-100B1TR M27V201-100B6TR M27V201-10 |
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-TSSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TSSOP -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TVSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 Fuse Holder; Mounting Type:PC Board; For Use With:PC Board Fuses; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating, AC:250V; Voltage Rating, DC:450V; Accessory Type:Mounting Socket 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TVSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TSSOP -40 to 85 16 Mbit 2Mb x8 or 1Mb x16 Low Voltage UV EPROM and OTP EPROM NND - 2 MBIT (256KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
74VCX16500 74VCX16500MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LS645 SN54LS642J SN54LS641J SN74LS640DW SN74LS64 |
OCTAL BUS TRANSCEIVERS LS SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola Inc] Motorola Inc MOTOROLA[Motorola, Inc]
|